Part Number Hot Search : 
CKFS2M5 MC14049U CY7C14 2SC3515 ADL5530 T1162 UPD78F 1N473
Product Description
Full Text Search
 

To Download 0395321023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eurostyle? ese pcb terminal blocks pluggable and fixed mount
 ese pcb terminal block specifications n fixed or pluggable product styles allow for maximum design fexibility n three different wire entry angles on fxed mount terminal blocks allow you to choose the best ft for your application n two optional styles of imprinting make identifying, testing and wiring easier in the feld n surface mount compatible headers available in 5.00 and 5.08mm (.197 and .00") withstand refow soldering temperatures, eliminating the need for a secondary wave soldering process n gold plating available on any part offers increased connectivity and durability in low power applications n captive screws in all terminal blocks mean that screws will not back out of housing or mounting ends features and benefts fulfll your terminal block design requirements with a new and extensive range of ese pcb terminal blocks from molex. choose from a variety of molex ese (eurostyle extension) pcb terminal blocks. this new product line includes pitch sizes from 3.50 to 5.08mm (.138 to . 00) and is rated at 300v, from 8.0 to 15.0a. select from fxed (single-piece) or pluggable (two-piece) terminal blocks from circuit sizes  through 4. all ese pcb terminal blocks from molex are rohs compliant and ul recognized for use in the u.s. and canada. these blocks are compatible with molex beau ? and other industry standard terminal blocks. ese terminal blocks provide economic benefts and enhance molexs existing eurostyle terminal block offering. for additional specifcations on eurostyle ese terminal blocks, visit our website: www.molex. com/product/esetermblocks.html. features and specifications eurostyle? ese pcb terminal blocks pluggable and fixed mount features and specifications reference information packaging: box ul file no.: e4851 flammability: ul 94 v-0 electrical voltage: 300v insulation resistance: 500 megohms min. withstanding voltage: 4000v dc mechanical operating temperature: standard plugs and headers -40 to +105c surface mount compatible headers -40 to +140c physical housing: standard plugs and headers polyamide (nylon) 6/6 surface mount compatible header polyamide (nylon) 4/6 housing color: black (green or other colors optional) screw: steel m, m.5, m3 contact plating: tin (gold optional) imprinting: standard C 1,,3 reverse C 3,,1 applications n power distribution n factory and process automation n hvac n security systems n elevators n irrigation systems n measurement and control systems
3 5.00 and 5.08mm (.197 and .200") pitch ese fixed mount terminal blocks pitch description current wire range circuits order no. ese beau ? 5.00mm (.197") vertical with rising cage clamp 15.0a 14 to  awg  to 4 39543-30xx 39890-01xx vertical with pressure clamp 10.0a 14 to  4 awg 39543-00xx 39850-16xx vertical with pressure clamp, low profle 14 to  awg 39543-06xx n/a horizontal, assembled to length 16 to  4 awg 39543-31xx 39890-0xx/ 39850-31xx horizontal, modular*  or 3 39543-45xx n/a 45 wire entry with pressure clamp, assembled to length 14 to  4 awg  to 4 39543-0xx 39850-01xx 45 wire entry with pressure clamp, modular*  or 3 39543-05xx n/a 45 wire entry with rising cage clamp 14 to  awg  to 4 39543-43xx n/a 5.08mm (.00") vertical with rising cage clamp 15.0a 1 to  awg  to 4 39544-30xx 39880-01xx replace xx with circuit sizes 0 to 4. * modular terminal blocks available in  or 3 circuits. blocks can be stacked together to create larger circuit sizes.
3.50mm (.138") pitch ese pluggable terminal blocks 4 pitch description current wire range circuits order no. ese beau ? pcb headers 3.50mm (.138") vertical 8.0a n/a  to 0 39501-10xx 39353-00xx vertical with threaded retention inserts 39505-10xx 39354-00xx horizontal 3950-10xx 39355-00xx horizontal with threaded retention inserts 39506-10xx 39356-00xx plugs 3.50mm (.138") vertical, rear wire entry 8.0a 16 to  4 awg  to 0 39503-0xx n/a vertical with retention screws, rear wire entry 39507-0xx vertical, front wire entry 39503-30xx vertical with retention screws, front wire entry 39507-30xx horizontal 39500-00xx 39351-00xx horizontal with retention screws 16 to 30 awg 39504-00xx 3935-00xx replace xx with circuit sizes 0 to 0.
3.81mm (.150") pitch ese pluggable terminal blocks 5 pitch description current wire range circuits order no. ese beau ? pcb headers 3.81mm (.150") vertical 8.0a n/a  to 0 39511-10xx 39900-05xx vertical with threaded retention inserts 39515-10xx 39900-11xx horizontal 3951-10xx 39900-07xx horizontal with threaded retention inserts 39516-10xx 39900-1xx plugs 3.81mm (.150") vertical, rear wire entry 8.0a 16 to 30 awg  to 0 39513-0xx 39900-0xx vertical with retention screws, rear wire entry 39517-0xx 39900-17xx vertical, front wire entry 39513-30xx 39900-03xx vertical with retention screws, front wire entry 39517-30xx 39900-18xx horizontal 16 to  4 awg 39510-00xx 39905-01xx horizontal with retention screws 39514-00xx 39905-10xx replace xx with circuit sizes 0 to 0.
5.00mm (.197") pitch ese pluggable terminal blocks 6 pitch description current wire range circuits order no. ese beau ? pcb headers 5.00mm (.197") vertical, open ends 15.0a n/a  to 4 3951-00xx 39870-04xx vertical, closed ends 3951-10xx 39870-05xx vertical, surface mount compatible 3951-40xx 39870-13xx vertical with threaded retention inserts 3955-00xx 39870-11xx vertical with threaded retention inserts, surface mount compatible 3955-40xx n/a horizontal, open ends 395-00xx 39870-06xx horizontal, closed ends 395-10xx 39870-07xx horizontal, surface mount compatible 395-40xx 39870-14xx horizontal with threaded retention inserts 3956-00xx 39870-1xx horizontal with threaded retention inserts, surface mount compatible 3956-40xx n/a dual level, open ends 4 to 48 3958-00xx* plugs 5.00mm (.197") vertical, rear wire entry 15.0a 1 to  6 awg  to 4 3953-0xx 39870-0xx vertical with retention screws, rear wire entry 10.0a 3957-0xx n/a vertical, front wire entry 15.0a 3953-30xx 39870-03xx vertical with retention screws, front wire entry 10.0a 3957-30xx n/a horizontal 15.0a 3950-00xx 39870-01xx horizontal with retention screws 3954-00xx n/a replace xx with circuit sizes 0 to 4. *dual level pcb header available in circuit sizes 04 to 48.
5.08mm (.200") pitch ese pluggable terminal blocks 7 pitch description current wire range circuits order no. ese beau ? pcb headers 5.08mm (.00") vertical, open ends 15.0a n/a  to 4 39531-00xx 39860-04xx vertical, closed ends 39531-10xx 39860-05xx vertical, surface mount compatible 39531-40xx 39860-13xx vertical with threaded retention inserts 39535-00xx 39860-11xx vertical with threaded retention inserts, surface mount compatible 39535-40xx 39860-15xx horizontal, open ends 3953-00xx 39860-06xx horizontal, closed ends 3953-10xx 39860-07xx horizontal, surface mount compatible 3953-40xx 39860-14xx horizontal with threaded retention inserts 39536-00xx 39860-1xx horizontal with threaded retention inserts, surface mount compatible 39536-40xx 39860-16xx dual level, open ends 4 to 48 39538-00xx* 39860-08xx plugs 5.08mm (.00") vertical, rear wire entry 15.0a 1 to  6 awg  to 4 39533-0xx 39860-0xx vertical with retention screws, rear wire entry 10.0a 39537-0xx n/a vertical, front wire entry 15.0a 39533-30xx 39860-03xx vertical with retention screws, front wire entry 10.0a 39537-30xx n/a horizontal 15.0a 39530-00xx 39860-01xx horizontal plug with retention screw 39534-00xx 39860-10xx replace xx with circuit sizes 0 to 4. *dual level pcb header available in circuit sizes 04 to 48.
pitch description current wire range circuits order no. ese beau? pcb headers 5.00mm (.197") dual level, horizontal, closed ends 15.0a n/a 4 to 48 3958-10xx n/a dual level, vertical, open ends 3958-0xx dual level, vertical, closed ends 3958-30xx 5.08mm (.00") dual level, horizontal, closed ends 15.0a n/a 4 to 48 39538-10xx 39860-09xx dual level, vertical, open ends 39538-0xx n/a dual level, vertical, closed ends 39538-30xx americas headquarters lisle, illinois 6053 u.s.a. 1-800-78molex amerinfo@molex.com asia pacifc north headquarters yamato, kanagawa, japan 81-46-65-34 feninfo@molex.com asia pacifc south headquarters jurong, singapore 65-6-68-6868 fesinfo@molex.com european headquarters munich, germany 49-89-41309-0 eurinfo@molex.com corporate headquarters  wellington ct. lisle, il 6053 u.s.a. 630-969-4550 fax:630-969-135 visit our website at www.molex.com/product/esetermblocks.html order no. usa-355 rev 1 printed in usa/5k/ji/ji/006.11 ?006, molex 5.00 and 5.08mm (.197 and .200") pitch ese pluggable terminal blocks replace xx with circuit sizes 04 to 48.


▲Up To Search▲   

 
Price & Availability of 0395321023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X